Part Number Hot Search : 
741CN MAX5361 2N5462 P1101SCL LC78832M ST89E BFP182 H57AD
Product Description
Full Text Search
 

To Download UUR1E101MCL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimension table in next page. capacitance lot no. plastic platform 0.3max. d0.5 b0.2 a 0.2 a0.2 c0.2 0.5max. e h positive negative voltage mark for 6.3v is 6v . l0.3 2 voltage trade mark a2 100 10v 1 1 size 8 6.2 only 2 h plastic platform 0.3max. d0.5 b0.2 a 0.2 a0.2 c0.2 0.5max. e positive negative l0.5 2 voltage capacitance lot no. trade mark a2 220 16v pressure relief vent (mm) a b c e l h 6.3 5.8 2.4 6.6 6.6 2.2 5.8 0.5 to 0.8 6.3 7.7 2.4 6.6 6.6 2.2 7.7 0.5 to 0.8 8 6.2 3.3 8.3 8.3 2.3 6.2 0.5 to 0.8 8 10 2.9 8.3 8.3 3.1 10 0.8 to 1.1 10 10 3.2 10.3 10.3 4.5 10 0.8 to 1.1 d l u 1 u 2 r 3 1 4 a 5 1 6 0 7 1 8 m 9 c 10 l 11 1 12 g 13 s 14 configuration package code size code capacitance tolerance ( 20%) rated capacitance (100f) rated voltage (10v) series name type d l 6.3 5.8 8 6.2 8 10 10 10 code cl cl 6.3 7.7 cl nl nl ur series chip type, high cv chip type, higher capacitance in larger case sizes. designed for surface mounting on high density pc board. applicable to automatic mounting machine fed with carrier tape. compliant to the rohs directive (2011/65/eu). chip type ( 6.3, 8 6.2) ( 8 10, 10 10) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life resistance to soldering heat marking performance characteristics item 40 to +85c 4 to 100v 3.3 to 1500f 20% at 120hz, 20 c after 1 minute's application of rated voltage, leakage current is not more than 0.03cv (a) . black print on the case top. after storing the capacitors under no load at 85 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. type numbering system (example : 10v 100 f) the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20 c. ur wx the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 2000 hours at 85 c. capacitance change leakage current tan within 20% of the initial capacitance value less than or equal to the initial specified value 200% or less than the initial specified value z 25 c / z+20c z 40 c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 100 2 3 63 2 3 50 2 3 35 2 3 25 2 4 16 3 6 10 4 8 6.3 5 10 4 7 15 measurement frequency: 120hz rated voltage (v) tan (max.) 50 0.12 63 0.12 100 0.12 35 0.14 25 0.16 16 0.20 10 0.24 6.3 0.28 measurement frequency : 120hz at 20 c capacitance change leakage current tan within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value higher c/v 4 0.35 aluminum electrolytic capacitors ug extended range ws high temperature reflow cat.8100c
ur series rated ripple current (marms) at 85 c 120hz dimensions frequency coefficient of rated ripple current 00 less than 47 v 100 to 1500 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.80 1.00 1.15 1.40 1.67 0.85 1.00 1.08 1.20 1.30 cap.(f) frequency size 6.3 5.8 is available for capacitors marked. " " size 6.3 7.7 is available for capacitors marked. " " size 8 10 is available for capacitors marked. " " in this case, 6 will be put at 12th digit of type numbering system. aluminum electrolytic capacitors 3.3 4.7 10 22 33 47 100 150 220 330 470 680 1000 1500 3r3 4r7 100 220 330 470 101 151 221 331 471 681 102 152 6.3 5.8 6.3 7.7 8 10 . 8 10 . 10 10 . 152 200 284 344 347 160 ( 143 ) 190 ( 188 ) 265 318 400 ( 372 ) 489 8 6.2 8 6.2 8 10. 8 10. 10 10. 10 10. 70 85 175 ( 173 ) 240 290 374 454 6.3 5.8 6.3 5.8 8 6.2 8 10. 8 10. 10 10. 10 10. 125 151 215 ( 162 ) 270 330 ( 307 ) 396 8 6.2 6.3 7.7 8 10. 8 10. 10 10. 10 10. 65 145 ( 143 ) 192 250 ( 232 ) 305 ( 284 ) 393 6.3 5.8 8 6.2 8 10. 10 10. 10 10. 10 10. 55 105 ( 94 ) 175 ( 132 ) 214 265 ( 246 ) 324 6.3 5.8 8 6.2 8 10. 8 10. 10 10. 10 10. 35 1v 50 1h 45 95 ( 94 ) 140 ( 105 ) 195 ( 181 ) 238 289 6.3 5.8 8 6.2 8 10. 10 10. 10 10. 10 10. 63 1j 31 46 96 117 140 232 6.3 5.8 8 6.2 8 10. 8 10. 8 10. 10 10. 29 40 (35) 77 100 130 155 6.3 5.8 8 6.2 8 10. 8 10. 10 10. 10 10. 100 2a 25 1e 16 1c 10 1a 6.3 0j 4 0g cap. ( f ) v code case size d l (mm) rated ripple taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please select ug(p.162) series if high cv products are required. please refer to page 3 for the minimum order quantity. cat.8100c


▲Up To Search▲   

 
Price & Availability of UUR1E101MCL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X